Part Number Hot Search : 
UP03396 00BZXI 24C36 2587P908 SA5219 SF103 C5000 IX4423
Product Description
Full Text Search
 

To Download PT7M7812M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| pt0109(10/10) ver: 15 1 data sheet pt7m7803/7809-7812/7823-7825 p supervisor circuits features z precision supply-voltage monitor - 4.63v (pt7m78xxl) - 4.38v (pt7m78xxm except pt7m7803/09/10m) - 3.08v (pt7m78xxt) - 2.93v (pt7m78xxs) - 2.63v (pt7m78xxr) - 2.32v (pt7m78xxz) - 2.20v (pt7m78xxy) - 4.00v (pt7m78xxj) - 4.26v (pt7m7803/09/10m) - 2.25v (pt7m7823/24k) z 200ms reset pulse width z debounced cmos-compatible manual-reset input (7811, 7812, 7823, 7825) z reset output signal for watchdog and power abnormal, manual reset z reset push-pull output (pt7m7809,7811,7823, 7824,7825) z reset open-drain output (pt7m7803) z voltage monitor for power-fail or low battery warning z guaranteed reset/reset valid at v cc =1.0v description the pt7m78xx family microprocessor ( p) supervisory circuits are targ eted to improve reliability and accuracy of power-supply circuitry in p systems. these devices reduce the complexity and number of components required to monitor power-supply and battery functions. the main functions are: 1. asserting reset output dur ing power-up, power- down and brownout conditions for p system. 2. detecting power failure or low-battery conditions with a 1.25v threshold detector. 3. watchdog functions 4. manual reset. applications z power-supply circuitry in p systems ordering information part number package part number package pt7m7803xte lead free and green sot23-3 pt7m7824xtae lead free and green sot23-5 pt7m7809xte lead free and green sot23-3 pt7m7825xtae lead free and green sot23-5 pt7m7810xte lead free and green sot23-3 pt7m7811xtbe lead free and green sot143 pt7m7811xtae lead free and green sot23-5 pt7m7812xtbe lead free and green sot143 pt7m7812xtae lead free and green sot23-5 pt7m7809xuwf wafer form pt7m7823xtae lead free and green sot23-5 note: ?x? refers to voltage range, see below table. suffix: x?monitored voltage x l m 1) t s r z y j k 2) reset threshold (v) 4.63 4.38 3.08 2.93 2.63 2.32 2.20 4.00 2.25 note 1): threshold voltage=4.38v can be applied to all parts except pt7m7803/09/10m. pt7m7803/09/10m?s threshold voltage is 4.26v. 2): threshold voltage=2.25v only for pt7m7823/24k.
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| pt0109(10/10) ver: 15 2 data sheet pt7m7803/7809-7812/7823-7825 p supervisor circuits function comparison reset output part no. push-pull open-drain reset output (push-pull) manual reset input power fail detector (1.25v) watchdog input 1 pt7m7803 - - - - - 2 pt7m7809 - - - - - 3 pt7m7810 - - - - - 4 pt7m7811 - - - - 5 pt7m7812 - - - - 6 pt7m7823 - - - 7 pt7m7824 - - - 8 pt7m7825 - - - block diagram v cc v rst 1.25v watchdog transition detector watchdog timer wdi timebase for reset & watchdog reset generator mr vcc pfi reset (reset) pfo
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| pt0109(10/10) ver: 15 3 data sheet pt7m7803/7809-7812/7823-7825 p supervisor circuits marking information part number code code 1 2 part no code 1 2 part no code 1 2 part no code 1 2 part no aa pt7m7809l ao pt7m7811l bc pt7m7803l bq pt7m7824l ab pt7m7809m ap pt7m7811m bd pt7m7803m br pt7m7824m ac pt7m7809t aq pt7m7811t be pt7m7803t bs pt7m7824t ad pt7m7809s ar pt7m7811s bf pt7m7803s bt pt7m7824s ae pt7m7809r as pt7m7811r bg pt7m7803r bu pt7m7824r af pt7m7809z at pt7m7811z bh pt7m7803z bv pt7m7824z ag pt7m7809y au pt7m7811y bi pt7m7803y bw pt7m7824y jm pt7m7809j sf pt7m7811j sc pt7m7803j si pt7m7824j mq pt7m7824k ah pt7m7810l av pt7m7812l bj pt7m7823l bx pt7m7825l ai pt7m7810m aw PT7M7812M bk pt7m7823m by pt7m7825m aj pt7m7810t ax pt7m7812t bl pt7m7823t bz pt7m7825t ak pt7m7810s ay pt7m7812s bm pt7m7823s ca pt7m7825s al pt7m7810r az pt7m7812r bn pt7m7823r cb pt7m7825r am pt7m7810z ba pt7m7812z bo pt7m7823z cc pt7m7825z an pt7m7810y bb pt7m7812y bp pt7m7823y cd pt7m7825y se pt7m7810j sg pt7m7812j sh pt7m7823j sj pt7m7825j mp pt7m7823k note: lead free and green package is available by adding line above the first code. for example: part number code of pt7m7809lte is aa. code description 1 2 part number 3 year 4 work week ? only for pt7m7809m
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| pt0109(10/10) ver: 15 4 data sheet pt7m7803/7809-7812/7823-7825 p supervisor circuits pin configuration 5 4 1 3 vcc reset gnd mr sot23-5 1 2 3 3 1 2 2 1 5 4 1 2 3 1 2 vcc gnd reset 3 vcc gnd reset vcc reset gnd mr wdi vcc gnd wdi vcc reset gnd reset 3 4 5 4 5 sot23-3 5 4 1 3 vcc gnd mr reset reset pt7m7803 pt7m7809 pt7m7810 pt7m7811 pt7m7812 pt7m7823 pt7m7824 reset mr pt7m7825 2nc 2nc 4 3 1 2 vcc reset gnd mr 4 3 1 2 vcc gnd mr reset pt7m7811 pt7m7812 sot143
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| pt0109(10/10) ver: 15 5 data sheet pt7m7803/7809-7812/7823-7825 p supervisor circuits pin description pin type description mr i manual-reset: (cmos). active low. pull low to force a reset. re set remains asserted for the duration of the reset timeout period after mr transitions from low to high. leave unconnected or connected to vcc if not used. vcc power supply voltage. reset is asserted when v cc drops below the reset threshold voltage (v rst ). reset remains asserted until v cc rises above v rst and keep asserted for the duration of the reset timeout period (t rs ) once v cc rises above v rst . gnd - ground reference for all signals. pfi i power-fail voltage monitor input. when pfi ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| pt0109(10/10) ver: 15 6 data sheet pt7m7803/7809-7812/7823-7825 p supervisor circuits typical application circuit dc linear regulator vcc supervisory pfi circuit wdi p vcc reset i/o line interrupt in reset pfo mr p maximum ratings storage temperature ............................................................-65 o c to +150 o c ambient temperature with power applied.......................... -40 o c to +85 o c supply voltage to ground potential (vcc to gnd) ............ ..-0.3v to +7.0v dc input voltage (all inputs exce pt vcc and gnd)......-0.3v to v cc +0.3v dc output current (all outputs) ..........................................................20ma power dissipation .......................................... 320mw (depend on package) recommended operation conditions sym description test conditions min typ max unit supply voltage for 78xxl/m/j - 4.5 5.0 5.5 v supply voltage for 78xxt/s - 3.0 3.3 5.5 v v cc supply voltage for 78xxr/z/y/k - 2.7 3.0 5.5 v v ih input high voltage - 0.7v cc - - v v il input low voltage - - - 0.3v cc v t a operating temperature - -40 - 85 note: stresses greater than those listed under maximum ratings may cause perm anent damage to the device. this is a stress rating only and functional operation of the device at these or any other condi- tions above those indicated in the operational sec- tions of this specification is not implied. exposure to absolute maximum rating conditions for extended periods may affect reliability.
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| pt0109(10/10) ver: 15 7 data sheet pt7m7803/7809-7812/7823-7825 p supervisor circuits dc electrical characteristics (v cc = v rn + 5% to 5.5v, t a = -40~85oc, unless otherwise noted.)(note 1) symbol description test conditions min typ max unit v cc operating voltage range - 1.0 - 5.5 v 7803/09/10/11/12 - 10 30 a i cc supply current vcc = 5v, no load 7823/24/25 - 13 36 v ih input high voltage pin: mr, wdi 0.7v cc - - v v il input low voltage pin: mr, wdi - - 0.3v cc v 78xx(except 7809r/m) v rn - 1.5% v rn v rn + 1.5% 7809m v rn -1.1% v rn v rn +1.1% t a = 25oc 7809r v rn -1.0% v rn v rn +1.0% t a = -40 ~ 85oc 7809m v rn - 1.8% v rn v rn + 2% v rst  v rth  ) threshold voltage(falling- edge)( note 2 ) t a = -40 ~ 85oc 78xx(except 7809m) v rn - 2.5% v rn v rn + 2.5% v v rth  threshold voltage(rising- edge) ( note 2 ) t a = -40 ~ 85oc 7809m 4.232 4.31 4.396 v 7823/24/25l/m - 12 - 7823/24/25 t/s/r/k/z/y - 4 - v rth reset threshold hysteresis ( note 2 ) vcc varies between v rn 5% others - 50 - mv vcc 4.5v isource=800a vcc-1.5 - - vcc 2.7v isource=500a 0.8vcc - - vcc 1.8v isource=150a 0.8vcc - - output high voltage(except 7823/24/25) vcc 1.0v isource=4a 0.8vcc - - v 7823/24/25l/m, vcc=v rst isource=120a vcc-1.5 - - v v oh output high voltage(7823/24/25) 7823/24/25t/s/r/k, vcc=v rst isource=30a 0.8vcc - - v vcc 4.5v isink=3.2ma - - 0.4 vcc 2.7v isink=1.2ma - - 0.3 v ol output low voltage vcc 1.0v isink=100a - - 0.3 v i lkg open-drain output leakage current v cc > v th(max) for 7803 - - 1 a wdi connected to v cc : 5.5v - 120 160 i wdi average wdi input current ( note 3 ) wdi connected to gnd -20 -15 - a pt7m782xl/m, reset=0v, vcc=5.5v - - 800 i source reset output short- circuit current (only for pt7m7823/24/25) pt7m782xt/s/r/k/z/y, reset=0v, vcc=3.6v - - 400 a pt7m7811/7812 10 20 30 r mr pull-up resistor (internal) pt7m7823/7824/7825 35 52 75 k ? note: 1. parameters of room temperature guaranteed by production test and parameters of full-temperature guaranteed by design. 2. valid for both reset and reset. v rst ( v rth - ) is the reset threshold voltage when v cc from high to low level, and v rth + is the reset threshold voltage when v cc from low to high level. v rn is nominal reset threshold voltage. 3. wdi is internally serviced within the watchdog period if wdi is left unconnected.
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| pt0109(10/10) ver: 15 8 data sheet pt7m7803/7809-7812/7823-7825 p supervisor circuits ac electrical characteristics symbol description test co nditions min typ max unit t rs reset pulse width mr from low to high, t a =25 140 200 400 ms t wd watchdog timeout period wdi, mr tied to vcc, vcc>v rn +5% , t a =25 1.12 1.6 2.25 s t mr mr pulse width - 200 - - ns t md mr to reset delay vcc=5v - - 250 ns t wp wdi pulse width - 150 - - ns watchdog timing diagram vcc t rs reset reset v rst v rst wdi t wd t rs mr t md t mr t wp t rs
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| pt0109(10/10) ver: 15 9 data sheet pt7m7803/7809-7812/7823-7825 p supervisor circuits mechanical information te (lead free and green sot23-3) x. xx x. xx denotes dimensions in millimeters note: 1) controlling dimensions in millimeters. 2) ref: jedec to-236h
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| pt0109(10/10) ver: 15 10 data sheet pt7m7803/7809-7812/7823-7825 p supervisor circuits tae (lead free and green sot23-5) x. xx x. xx denotes dimensions in millimeters note: 1) controlling dimensions in millimeters. 2) ref: jedec mo-178c/aa
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| pt0109(10/10) ver: 15 11 data sheet pt7m7803/7809-7812/7823-7825 p supervisor circuits tae (lead free and green sot23-6) x. xx x. xx denotes dimensions in millimeters note: 1) controlling dimensions in millimeters. 2) ref: jedec mo-178c/ab
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| pt0109(10/10) ver: 15 12 data sheet pt7m7803/7809-7812/7823-7825 p supervisor circuits tbe (lead free and green sot143) x. xx x. xx denotes dimensions in millimeters note: 1) controlling dimensions in millimeters. 2) ref: jedec to-253d
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| pt0109(10/10) ver: 15 13 data sheet pt7m7803/7809-7812/7823-7825 p supervisor circuits notes email: support@pti.com.cn web si te: www.pti.com.cn, www.pti-ic.com china : no. 20 building, 3/f, 481 guiping road, shanghai, 200233, china tel: (86)-21-6485 0576 fax: (86)-21-6485 2181 asia pacific : unit 1517, 15/f, chevalier commercial centre, 8 wang hoi rd, kowloon bay, hongkong tel: (852)-2243 3660 fax: (852)- 2243 3667 u.s.a. : 3545 north first street, san jose, california 95134, usa tel: (1)-408-435 0800 fax: (1)-408-435 1100 pericom technology incorporation reserves the right to make cha nges to its products or specifica tions at any time, without noti ce, in order to improve design or performance and to supply the best possible product. pericom t echnology does not assume any responsibility for use of any circu itry described other than the circuitry embodied in pericom technology product. the company make s no representations that circuitry described herein is free from patent infringement or other rights, of pericom technology incorporation.


▲Up To Search▲   

 
Price & Availability of PT7M7812M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X